PART |
Description |
Maker |
AD8684ARUZ-REEL AD8682-15 AD8682 |
Dual Low Power, High Speed JFET Operational Amplifier Dual/Quad Low Power, High Speed Quad Low Power, High Speed JFET Operational Amplifiers; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 4000 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
EL7242 EL7252 EL7242CN EL7242CS |
Dual Input/ High Speed/ Dual Channel Power MOSFET Driver Driver, Power MOSFET, 2A Peak, High Speed, Dual Low Side Driver, NAND Gate function Dual Input, High Speed, Dual Channel Power MOSFET Driver
|
Intersil Corporation
|
FDMA1032CZ FDMA1032CZ08 |
20V Complementary PowerTrench? MOSFE 20V Complementary PowerTrench㈢ MOSFE
|
Fairchild Semiconductor
|
TC4424 TC4424COE TC4424CPA TC4424EPA TC4424MJA TC4 |
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS A双高速功率MOSFET驱动 (TC4423 - TC4425) 3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
EDI8F81025LP100B6C EDI8F81025LP100B6I EDI8F81025LP |
Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-PDIP Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-SOIC Dual Channel, High Speed, High Current Line Driver with 3-State; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-PDIP Dual Channel, High Speed, High Current Line Driver with 3-State; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R x8的SRAM模块
|
Electronic Theatre Controls, Inc.
|
2N2222ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
IDT7008L20J IDT7008L20JB IDT7008L20JI IDT7008S_L I |
64K x 8 Dual-Port RAM From old datasheet system IC,SRAM,64KX8,CMOS,LDCC,84PIN,PLASTIC HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, CPGA84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 55 ns, PQCC84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology Inc Integrated Device Technology, Inc.
|
IDT70V9269L12PRF IDT70V9269L12PRFI IDT70V9279S9PRF |
32K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through From old datasheet system Small Signal Diode HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 12 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 18 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 高.3 32K的16 SYNCHRONOU S双,端口静态内
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
2N2369ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
SG2626 SG2626DW SG2626J SG2626M SG2626R SG2626T SG |
DUAL HIGH SPEED DRIVER DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, MBFM5 DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, CDIP8 XTAL MTL SMT HC49/USM From old datasheet system Half Bridge Driver, Inverting
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
IDT70V05L15GI IDT70V05L20GI IDT70V05L35GI IDT70V05 |
8K x 8 3.3v Dual-Port RAM Part Sensing Light Screen; Light Curtain Type:Parts Sensing; Control Output Type:NPN & PNP; Protection Height:67mm; Sensing Range Max:2m; Supply Voltage Max:30VDC; Sensing Range Min:150mm; Supply Voltage:30VDC High Speed JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 Dual OpAmp With Internal Reference 8-SOIC -40 to 105 20V N & P-Channel PowerTrench MOSFETs HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 35 ns, CPGA68 HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 55 ns, PQFP64
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
2N2894ADCSM |
DUAL HIGH SPEED, MEDIUM POWER
|
Seme LAB
|